Part Number Hot Search : 
AT48802 P6KE160 1N5223B 218M640 APTGT D1F20 307C1252 AZ830P
Product Description
Full Text Search
 

To Download 15KP40CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15KP SERIES
VR : 12 - 240 Volts PPK : 15,000 Watts
FEATURES :
* Excellent Clamping Capability * Fast Response Time * Low Zener Impedance * Low Leakage Current
TRANSIENT VOLTAGE SUPPRESSOR
AR - L
0.053 (1.35) 0.050 (1.27)
0.250 (6.4) 0.235 (6.0)
MECHANICAL DATA
* Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Cathode polarity band * Mounting position : Any * Weight : 2.73 grams
0.410 (10.4) 0.380 (9.7)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeter )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Pulse Power Dissipation (10X1000s, see Fig.1 ) Steady State Power Dissipation Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Symbol
PPK PD IFSM
Value
15,000 7.0 200 - 55 to + 150
Unit
Watts Watts Amps. C
(Uni-directional devices only) Operating and Storage Temperature Range TJ, TSTG
This pulse is a standard test waveform used for protection devices. Fig. 1
IPP 0.9 IPP Current (Peak Value)
0.5 IPP
0.1 IPP Time T1 x 1.25 = 10s 1000s
UPDATE : AUGUST 16, 2001
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Part Number
(Uni-directional)
Part Number
(Bi-directional)
Reverse Stand Off Voltage VR (V) 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70
Breakdown Voltage @ IT VBR (V) Min. 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 IT (mA) 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 20.0 20.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Reverse Leakage @ VR IR (A) 10,000 10,000 10,000 10,000 8,000 8,000 8,000 8,000 8,000 8,000 5,000 5,000 5,000 5,000 1,500 1,500 500 500 150 150 50 50 25 25 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Maximum Clamping Voltage @ IPP VC (V) 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 32.2 29.3 34.2 30.9 37.9 34.3 41.1 37.1 45.0 40.7 48.7 44.0 52.4 47.5 56.2 50.7 60.6 54.8 66.0 59.7 72.8 65.8 77.1 69.7 80.7 73.0 85.9 77.7 91.5 82.5 96.8 87.5 104 94 107 97.3 115 104 126 114
Maximum Peak Pulse Current IPP (A) 658 725 607 669 564 622 526 580 493 544 464 512 439 485 396 437 365 404 333 369 308 341 286 316 267 296 248 274 227 251 206 228 195 215 186 205 175 193 164 181 155 171 144 160 140 154 130 144 119 132
Max. Voltage Temperature Variation of V BR (mV/C) 12 12 13 13 14 14 16 16 19 17 19 17 20 18 24 21 27 24 30 27 32 29 35 31 37 33 42 38 46 41 51 46 55 50 57 52 62 56 66 60 70 63 76 68 78 70 84 76 92 83
15KP12 15KP12A 15KP13 15KP13A 15KP14 15KP14A 15KP15 15KP15A 15KP16 15KP16A 15KP17 15KP17A 15KP18 15KP18A 15KP20 15KP20A 15KP22 15KP22A 15KP24 15KP24A 15KP26 15KP26A 15KP28 15KP28A 15KP30 15KP30A 15KP33* 15KP33A* 15KP36* 15KP36A* 15KP40* 15KP40A* 15KP43 15KP43A 15KP45 15KP45A 15KP48* 15KP48A* 15KP51 15KP51A 15KP54 15KP54A 15KP58 15KP58A 15KP60 15KP60A 15KP64 15KP64A 15KP70 15KP70A
15KP12C 15KP12CA 15KP13C 15KP13CA 15KP14C 15KP14CA 15KP15C 15KP15CA 15KP16C 15KP16CA 15KP17C 15KP17CA 15KP18C 15KP18CA 15KP20C 15KP20CA 15KP22C 15KP22CA 15KP24C 15KP24CA 15KP26C 15KP26CA 15KP28C 15KP28CA 15KP30C 15KP30CA 15KP33C 15KP33CA 15KP36C* 15KP36CA* 15KP40C 15KP40CA 15KP43C 15KP43CA 15KP45C 15KP45CA 15KP48C* 15KP48CA* 15KP51C 15KP51CA 15KP54C 15KP54CA 15KP58C 15KP58CA 15KP60C 15KP60CA 15KP64C 15KP64CA 15KP70C* 15KP70CA*
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Reverse Breakdown Stand Off Voltage @ IT Part Part Voltage Number Number VR VBR (V) IT (Uni-directional) (Bi-directional) (V) Min. (mA) 15KP75 15KP75A 15KP78 15KP78A 15KP85 15KP85A 15KP90 15KP90A 15KP100 15KP100A 15KP110 15KP110A 15KP120 15KP120A 15KP130 15KP130A 15KP150 15KP150A 15KP160 15KP160A 15KP170 15KP170A 15KP180 15KP180A 15KP200 15KP200A 15KP220 15KP220A 15KP240 15KP240A 15KP75C 15KP75CA 15KP78C 15KP78CA 15KP85C 15KP85CA 15KP90C 15KP90CA 15KP100C 15KP100CA 15KP110C 15KP110CA 15KP120C 15KP120CA 15KP130C 15KP130CA 15KP150C 15KP150CA 15KP160C 15KP160CA 15KP170C 15KP170CA 15KP180C 15KP180CA 15KP200C 15KP200CA 15KP220C 15KP220CA 15KP240C 15KP240CA 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 200 200 220 220 240 240 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 200 200 222 222 245 245 267 267 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Reverse Leakage @ VR IR (A) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Maximum Clamping Voltage @ IPP VC (V) 135 122 140 126 152 137 160 146 179 162 196 178 214 193 231 209 268 243 287 259 304 275 321 287 356 325 393 347 428 387
Maximum Peak Pulse Current IPP (A) 111 123 107 119 99 109 94 103 84 93 77 84 70 78 65 72 56 62 52 58 49 55 47 52 42 46 38 43 35 39
Max. Voltage Temperature Variation of V BR (mV/C) 100 89 104 93 113 102 120 110 134 123 147 133 161 146 174 158 202 184 216 196 229 208 242 220 296 274 297 273 324 300
Note: Suffix " A " denotes 5% tolerance device , no suffix denotes a 10% tolerance device. * Prefered Voltages.
Fig. 2 - Peak Pulse Power vs. Pulse Time
1,000
Fig. 3 - Typical Capacitance vs. Breakdown Voltage
10,000
Pp Peak Pulse Power - kW
C - capacitance (pF)
100
1,000
10
10
Measued at Stad-off Voltage
1.0 100ns
1s
10s
100s
1ms
10ms
1 1V
10V
100V
1,000V
td Pulse Time - sec
VBR - Breakdown Voltage - Volts
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 15KP40CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X